Part Number Hot Search : 
3FJ25 G936T81B 1041DV33 2SD1572 AA8361 0ETTTS 370903 MTM40N20
Product Description
Full Text Search
 

To Download PSA-183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 50W Series Single Output Adaptor Switching Power Supply
(R)
UL
Features * Universal Input from 90-264VAC * Overvoltage and Short Circuit Protection * Built-in Class B EMI filter * Light Weight Applications * Microcomputers * Desktop Peripherals Safety Approvals * UL 1950 * CSA 22.2 223 or 1402C Level 3 * Printers * Instruments * TUV EN 60950 (IEC 950)
Mechanical Characteristics Dimensions: * Length: 166mm (6.54in) * Width: 80mm (3.15in) Output Specifications
Model DC Output Voltage Min. Load Max.
* Height: 56.5mm (2.23in) * Weight: 0.55 Kgs (1.22Ibs)
Ripple P-P Total Tolerance Safety Comments
PSA-124 (P)* PSA-153 (P)* PSA-183 (P)* PSA-242 (P)*
12V 15V 18V 24V
0.1A 0.1A 0.1A 0.1A
4.2A 3.6A 3.0A 2.2A
150mV 150mV 150mV 200mV
+O.5VDC +O.5VDC +O.5VDC +O.5VDC
Listed
Listed
(1) *Suffix(P) for output connector center polarity positive. (2) Black color is standard, other colors, please contact us. (3) 2.5mm inner diameter connector is alternative.
PHIHONG
Single Output Adaptor Switching Power Supply
Characteristics Ac Input Voltage 90VAC-264VAC AC Frequency 47 to 63Hz AC Input Current 1.0A(rms) for 120VAC 0.5A(rms) for 240VAC AC Inrush Current 40A at cold start (230V) Humidity 20-90% Non-condensing Efficiency 70% min. at max. load Hold-up Time 16msec. min. at full load @110V
ENTERPRISE CO., LTD.
16, Lane 530, Chung Cheng N. Rd. Sanchung City, Taipei Taiwan 24103, R.O.C. Phone: 886-2-988-2126 886-2-980-5255 Fax: 886-2-981-7086 886-2-983-3222
Dimension Diagram Unit: mm (inch)
PHIHONG USA
CORPORATION
U.S. Headquaters:
48607 Warm Springs Blvd. Fremont, CA 94539 Phone: (510) 445-0100 Fax: (510) 445-1678 Email: usasales@phihongusa.com Internet: http://www.phihongusa.com
12 (0.47") 80 (3.15") o2.1(0.083") o5.5(0.22")
Eastern Office:
3005 Brodhead Road Bethlehem, PA 18017 Phone: (610) 866-9911 Fax: (610) 866-9920
56.5 (2.23")
Southwestern Office:
3325 Cochran St., Suite 200 Simi Valley, CA 93063 Phone: (805) 520-8177 Fax: (805) 520-3907 *2.5mm available on special order. Consult PHIHONG for alternate connectors.
50/704
ISO 9001 * BABT * MITI Facility Approvals
50W Series
Overcurrent Protection Output is equipped with short circuit protection Operation Temperature 0 to +40C Storage Temperature -40 to +70C Temporature Coefficient 0.05% per C MTBF Calculated Greater than 100,000 hours, (MIL-HDBK-217) EMI Requirements FCC Class B rules VDE 0871 Class B rules AC Connector IEC EN60302/C13 DC Connector 2.1mm Coaxial power plug
Switching Frequency 25KHz typical Overvoltage Protection At 110-130% of rated voltage
10.5 (0.41") 166 (6.54")
1900+20 (74.8+0.79")


▲Up To Search▲   

 
Price & Availability of PSA-183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X